データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3XYG1003 データシート(PDF) 1 Page - Okaya Electric America, Inc.

部品番号 3XYG1003
部品情報  NOISE SUPPRESSION CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKAYA [Okaya Electric America, Inc.]
ホームページ  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

3XYG1003 データシート(HTML) 1 Page - Okaya Electric America, Inc.

  3XYG1003 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26
Rated Voltage
440VAC
Features
Applications
Electrical Specifications
● Dimensions
● Dimensions
● Circuit
● Three phase capacitor network.
● Two terminal style (bare wire or Insulated lead).
● Suppressing noise occurring in large power
systems, such as 3 phase inverters.
Unit: mm
Unit: mm
Cx
Cy
Cy
Cx
Cy
Cx
26±1
48±1
φ 1±0.05
9±1
11±0.5
11±0.5
11±0.5
6±1
Cx: Line to Line (X capacitor)
Cy: Line to Ground (Y capacitor)
Operating Temperature: -40~+85°C
3XYG
3XYG-TY
φ 4.3
R5.5
48±1
22
UL-1015AWG18(0.18/33)
Black or Yellow/Green
Yel/Gn
Blk
Blk
Blk
Soldering
Model Number
Dissipation Factor
Test Voltage
Insulation
Resistance
Line to Line
X: 10,000MΩ
Y: 15,000MΩ
(at 100VDC)
Terminal to Case
100,000MΩmin.
(at 500VDC)
Line to Line
2,000VAC
50/60Hz 60sec
Terminal to Case
2,000VAC
50/60Hz 60sec
X: 0.001 max.
Y: 0.01 max.
(at 1kHz)
Capacitance
μF±20%
3XYG1003
(Inslated lead)
3XYG1003-TY
(Bare wire)
X : 0.1μF
Y : 0.003μF
3XYG
3XYG-TY
● Model numbering system
3X Y G
1
0 0 3
Series Name
Lead Style
Capacitance
(Line to Line)
Capacitance
(Line to Ground)
1
0.1μF
003 0.003μF
TY Bare wire
None
Insulated flex wire
3XYG SERIES
NOISE SUPPRESSION CAPACITOR


同様の部品番号 - 3XYG1003

メーカー部品番号データシート部品情報
logo
Okaya Electric America,...
3XYG1003-BY OKAYA-3XYG1003-BY Datasheet
283Kb / 1P
   NOISE SUPPRESSION CAPACITOR
3XYG1003-TY OKAYA-3XYG1003-TY Datasheet
283Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

同様の説明 - 3XYG1003

メーカー部品番号データシート部品情報
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN_14 Datasheet
93Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XEB102 OKAYA-XEB102 Datasheet
411Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com