データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42563-9 データシート(PDF) 1 Page - Tyco Electronics

部品番号 42563-9
部品情報  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

42563-9 データシート(HTML) 1 Page - Tyco Electronics

  42563-9 Datasheet HTML 1Page - Tyco Electronics 42563-9 Datasheet HTML 2Page - Tyco Electronics 42563-9 Datasheet HTML 3Page - Tyco Electronics 42563-9 Datasheet HTML 4Page - Tyco Electronics 42563-9 Datasheet HTML 5Page - Tyco Electronics 42563-9 Datasheet HTML 6Page - Tyco Electronics 42563-9 Datasheet HTML 7Page - Tyco Electronics 42563-9 Datasheet HTML 8Page - Tyco Electronics 42563-9 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
10
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
FASTON Receptacles
TE offers a full line of
uninsulated quick connects.
We offer products for a wide
variety of applications in
almost every market and
industry we serve. It is
important to choose the cor-
rect terminal for each appli-
cation. The following is a
list of application specific
characteristics that must be
considered when determin-
ing the best terminal for
each individual application.
Mating Tab
Size (312, 250, 205, 187,
110, etc.)
Wire Type
Magnet or stranded
Wire Orientation
Straight or flag
Temperature/Environment
Base metal plating
requirements
Insulator required
Pre-insulated housing
required
Agency Approvals
(UL/CSA)
Application
Continuous strip or
loose piece
Special Applications
Moldable
Hermetic
Printed circuit board
Piggyback (straight/flag)
Reversible flags
Center strip
Positive locking
Product Facts
Full line of premier, budget,
LIF, moldable and hermetic
uninsulated receptacles
Straight, right-angle and
receptacle and tab
combinations available
Receptacles available in
.312, .250, .205, .187, .125
and .110 sizes
Available in 8-30 AWG wire
ranges
Receptacles mate with .032
and .020 thick tabs
Available with or without
secondary wire support
Base materials brass,
phosphor bronze and steel
available
Tin, silver and nickel plated
products available
Products designed and
manufactured to meet UL
310 specifications
Products designed and
manufactured to meet CSA
C22.2 specifications


同様の部品番号 - 42563-9

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor...
4256 PEREGRINE-4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Heyco.
4256 HEYCO-4256 Datasheet
93Kb / 1P
Drive Fasteners
logo
Peregrine Semiconductor...
4256-00 PEREGRINE-4256-00 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
4256-01 PEREGRINE-4256-01 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
4256-02 PEREGRINE-4256-02 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
More results

同様の説明 - 42563-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
RECEPTACLE, FASTON, FLAG
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
RECEPTACLE, FASTON
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
RECEPTACLE, FASTON, SPECIAL
726386 MACOM-726386 Datasheet
50Kb / 1P
FASTON TAB 6.3X0.8
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
HOUSING, RECEPTACLE,FASTON
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com