データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIT-350-316 データシート(PDF) 2 Page - Alpha Wire

部品番号 FIT-350-316
部品情報  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-350-316 データシート(HTML) 2 Page - Alpha Wire

  FIT-350-316 Datasheet HTML 1Page - Alpha Wire FIT-350-316 Datasheet HTML 2Page - Alpha Wire FIT-350-316 Datasheet HTML 3Page - Alpha Wire FIT-350-316 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical &Mechanical Properties
1) Temperature Range
-55 to 175°C
2) Shrink Ratio
Approximately 2:1
3) Full Recovery Temperature
175°C
4) Tensile Strength
5000psi, Min
ASTM D638
5) Elongation
150%, Min
ASTM D638
6) Low Temperature Flex(-55°C)
no cracking
AMS-DTL-23053
7) Heat Resistance(250°C,168hrs)
100% Elongation, Min
ASTM D638
8) Heat Shock(300°C,4hrs)
no cracking
AMS-DTL-23053
9) Secant Modulus
1x10 5 psi, Min
ASTM D882
10) Longitudinal Change
+/-10%
AMS-DTL-23053
11) Specific Gravity
1.80, Max
ASTM D792
12) Deformation(125°C,1 hr)
50% Max
UL 224
13) Shelf Life
5 Years @ 18 to 35°C
Electrical Properties
1) Dielectric Strength
800 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 13 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
0.50%, Max
ASTM D570
2) Copper stability(250°C,168hrs)
70% Elongation, Min
UL 224
3) Corrosion(250°C,16hrs)
no corrosion
AMS-DTL-23053
4) Fluid Resistance(23°C,24 Hrs)
5000 PSI, Min
AMS-DTL-23053
5) Fungus Resistance
Pass
AMS-DTL-23053
6) Vacuum Outgassing - CVCM
0.03%, Max
ASTM E595
7) Vacuum Outgassing - TML
0.11%, Max
ASTM E595
8) Halogen Free
No
9) Lead Free
Yes
Other
Packaging
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.


同様の部品番号 - FIT-350-316

メーカー部品番号データシート部品情報
logo
Alpha Wire
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
97Kb / 4P
Customer SpecificationS
9/14/2022
FIT-350-316 ALPHAWIRE-FIT-350-316_V01 Datasheet
97Kb / 4P
Customer SpecificationS
9/14/2022
More results

同様の説明 - FIT-350-316

メーカー部品番号データシート部品情報
logo
Alpha Wire
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
Customer Specification
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
Customer Specification
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com