| データシートサーチシステム |
|
IO20PDB0V0 データシート(PDF) 163 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO20PDB0V0 データシート(HTML) 163 Page - Microsemi Corporation |
|
163 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 49 M11 ADC6 TM2 TM2 M12 ADC5 CM2 CM2 M13 SPI_0_SS/GPIO_19 SPI_0_SS/GPIO_19 SPI_0_SS/GPIO_19 M14 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 M15 SPI_0_CLK/GPIO_18 SPI_0_CLK/GPIO_18 SPI_0_CLK/GPIO_18 M16 SPI_0_DI/GPIO_17 SPI_0_DI/GPIO_17 SPI_0_DI/GPIO_17 N1 GPIO_8/IO25RSB4V0 MAC_RXD[1]/IO53RSB4V0 MAC_RXD[1]/IO62RSB4V0 N2 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 N3 VCC15A VCC15A VCC15A N4 VCC33AP VCC33AP VCC33AP N5 NC ABPS3 ABPS3 N6 ADC4 TM1 TM1 N7 NC GND33ADC0 GND33ADC0 N8 VCC33ADC0 VCC33ADC1 VCC33ADC1 N9 ADC8 ADC5 ADC5 N10 CM0 CM3 CM3 N11 GNDAQ GNDAQ GNDAQ N12 VAREFOUT VAREFOUT VAREFOUT N13 NC GNDSDD1 GNDSDD1 N14 NC VCC33SDD1 VCC33SDD1 N15 GND GND GND N16 SPI_0_DO/GPIO_16 SPI_0_DO/GPIO_16 SPI_0_DO/GPIO_16 P1 GNDSDD0 GNDSDD0 GNDSDD0 P2 VCC33SDD0 VCC33SDD0 VCC33SDD0 P3 VCC33N VCC33N VCC33N P4 GNDA GNDA GNDA P5 GNDAQ GNDAQ GNDAQ P6 NC CM1 CM1 P7 NC ADC2 ADC2 P8 NC VCC15ADC0 VCC15ADC0 P9 ADC9 ADC6 ADC6 Pin No. FG256 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |