| データシートサーチシステム |
|
IO11PDB0V0 データシート(PDF) 105 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO11PDB0V0 データシート(HTML) 105 Page - Microsemi Corporation |
|
105 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 3 - 1 3 – SmartFusion Development Tools Designing with SmartFusion cSoCs involves three different types of design: FPGA design, embedded design and analog design. These roles can be filled by three different designers, two designers or even a single designer, depending on company structure and project complexity. Types of Design Tools Microsemi has developed design tools and flows to meet the needs of these three types of designers so they can work together smoothly on a single project (Figure 3-1). FPGA Design Libero System-on-Chip (SoC) software is Microsemi’s comprehensive software toolset for designing with all Microsemi FPGAs and cSoCs. Libero SoC includes industry-leading synthesis, simulation and debug tools from Synopsys® and Mentor Graphics®, as well as innovative timing and power optimization and analysis. Figure 3-1 • Three Design Roles FPGA Design Embedded Design Software IDE (SoftConsole, Keil, IAR) MSS Configurator MSS Configuration – Analog Configuration Hardware Interfaces FlashPro4, ULINK, J-LINK Design Entry and IP Libraries Simulation and Synthesis Compile and Layout Timing and Power Analysis Hardware Debug Drivers and Sample Projects Application Development Build Project Simulation Software Debug |