| データシートサーチシステム |
|
IO11PDB0V0 データシート(PDF) 154 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO11PDB0V0 データシート(HTML) 154 Page - Microsemi Corporation |
|
154 / 197 page ![]() Pin Descriptions 5- 40 R e v i sio n 1 2 156 GNDQ GNDQ 157 GNDQ GNDQ 158 VCCFPGAIOB0 VCCFPGAIOB0 159 GBA1/IO19PDB0V0 GBA1/IO23PDB0V0 160 GBA0/IO19NDB0V0 GBA0/IO23NDB0V0 161 VCCFPGAIOB0 VCCFPGAIOB0 162 GND GND 163 VCC VCC 164 EMC_AB[25]/IO16PDB0V0 IO21PDB0V0 165 EMC_AB[24]/IO16NDB0V0 IO21NDB0V0 166 EMC_AB[23]/IO15PDB0V0 IO20PDB0V0 167 EMC_AB[22]/IO15NDB0V0 IO20NDB0V0 168 EMC_AB[21]/IO14PDB0V0 IO19PDB0V0 169 EMC_AB[20]/IO14NDB0V0 IO19NDB0V0 170 EMC_AB[19]/IO13PDB0V0 IO18PDB0V0 171 EMC_AB[18]/IO13NDB0V0 IO18NDB0V0 172 EMC_AB[17]/IO12PDB0V0 IO17PDB0V0 173 EMC_AB[16]/IO12NDB0V0 IO17NDB0V0 174 VCCFPGAIOB0 VCCFPGAIOB0 175 GND GND 176 VCC VCC 177 EMC_AB[15]/IO11PDB0V0 IO14PDB0V0 178 EMC_AB[14]/IO11NDB0V0 IO14NDB0V0 179 EMC_AB[13]/IO10PDB0V0 IO13PDB0V0 180 EMC_AB[12]/IO10NDB0V0 IO13NDB0V0 181 EMC_AB[11]/IO09PDB0V0 IO12PDB0V0 182 EMC_AB[10]/IO09NDB0V0 IO12NDB0V0 183 EMC_AB[9]/IO08PDB0V0 IO11PDB0V0 184 EMC_AB[8]/IO08NDB0V0 IO11NDB0V0 185 EMC_AB[7]/IO07PDB0V0 IO10PDB0V0 186 EMC_AB[6]/IO07NDB0V0 IO10NDB0V0 Pin Number PQ208 A2F200 A2F500 Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |