| データシートサーチシステム |
|
IO10PDB0V0 データシート(PDF) 129 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO10PDB0V0 データシート(HTML) 129 Page - Microsemi Corporation |
|
129 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 15 TM0 In SCB 0 / low side of current monitor / comparator Negative input / high side of temperature monitor. See the Temperature Monitor section. ADC0 SCB0 TM1 In SCB 1 / low side of current monitor / comparator. Negative input / high side of temperature monitor. ADC0 SCB1 TM2 In SCB 2 / low side of current monitor / comparator. Negative input / high side of temperature monitor. ADC1 SCB2 TM3 In SCB 3 low side of current monitor / comparator. Negative input / high side of temperature monitor. ADC1 SCB3 TM4 In SCB 4 low side of current monitor / comparator. Negative input / high side of temperature monitor. ADC2 SCB4 SDD0 Out Output of SDD0 See the Sigma-Delta Digital-to-Analog Converter (DAC) section in the SmartFusion Programmable Analog User’s Guide. SDD0 N/A SDD1 Out Output of SDD1 SDD1 N/A SDD2 Out Output of SDD2 SDD2 N/A Name Type Description Associated With ADC/SDD SCB Note: Unused analog inputs should be grounded. This aids in shielding and prevents an undesired coupling path. |