| データシートサーチシステム |
|
IO10PDB0V0 データシート(PDF) 160 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO10PDB0V0 データシート(HTML) 160 Page - Microsemi Corporation |
|
160 / 197 page ![]() Pin Descriptions 5- 46 R e v i sio n 1 2 F14 IO21NDB1V0 GCB0/IO27NDB1V0 GCB0/IO34NDB1V0 F15 GND GND GND F16 VCCENVM VCCENVM VCCENVM G1 EMC_DB[8]/IO40NDB5V0 EMC_DB[8]/GEC0/IO63NDB5V0 EMC_DB[8]/GEC0/IO80NDB5V0 G2 EMC_DB[7]/IO39PDB5V0 EMC_DB[7]/GEB1/IO62PDB5V0 EMC_DB[7]/GEB1/IO79PDB5V0 G3 EMC_DB[6]/IO39NDB5V0 EMC_DB[6]/GEB0/IO62NDB5V0 EMC_DB[6]/GEB0/IO79NDB5V0 G4 GFC2/IO41PDB5V0 GFC2/IO67PDB5V0 GFC2/IO84PDB5V0 G5 IO41NDB5V0 IO67NDB5V0 IO84NDB5V0 G6 GND GND GND G7 VCC VCC VCC G8 GND GND GND G9 VCC VCC VCC G10 GND GND GND G11 VCCFPGAIOB1 VCCFPGAIOB1 VCCFPGAIOB1 G12 VPP VPP VPP G13 TRSTB TRSTB TRSTB G14 TMS TMS TMS G15 TCK TCK TCK G16 GNDENVM GNDENVM GNDENVM H1 GND GND GND H2 EMC_DB[5]/IO38PPB5V0 EMC_DB[5]/GEA1/IO61PPB5V0 EMC_DB[5]/GEA1/IO78PPB5V0 H3 VCCFPGAIOB5 VCCFPGAIOB5 VCCFPGAIOB5 H4 EMC_DB[1]/IO36PDB5V0 EMC_DB[1]/GEB2/IO59PDB5V0 EMC_DB[1]/GEB2/IO76PDB5V0 H5 EMC_DB[0]/IO36NDB5V0 EMC_DB[0]/GEA2/IO59NDB5V0 EMC_DB[0]/GEA2/IO76NDB5V0 H6 VCCFPGAIOB5 VCCFPGAIOB5 VCCFPGAIOB5 H7 GND GND GND H8 VCC VCC VCC H9 GND GND GND H10 VCC VCC VCC H11 GND GND GND H12 VJTAG VJTAG VJTAG Pin No. FG256 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |