| データシートサーチシステム |
|
IO10PDB0V0 データシート(PDF) 173 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO10PDB0V0 データシート(HTML) 173 Page - Microsemi Corporation |
|
173 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 59 H7 GND GND H8 VCC VCC H9 GND GND H10 VCC VCC H11 GND GND H12 VCC VCC H13 GND GND H14 VCC VCC H15 GND GND H16 VCCFPGAIOB1 VCCFPGAIOB1 H17 IO25NDB1V0 IO29NDB1V0 H18 GCC2/IO25PDB1V0 GCC2/IO29PDB1V0 H19 GND GND H20 GCC0/IO26NPB1V0 GCC0/IO35NPB1V0 H21 VCCFPGAIOB1 VCCFPGAIOB1 H22 GCB0/IO27NDB1V0 GCB0/IO34NDB1V0 J1 EMC_DB[6]/GEB0/IO62NDB5V0 EMC_DB[6]/GEB0/IO79NDB5V0 J2 EMC_DB[5]/GEA1/IO61PDB5V0 EMC_DB[5]/GEA1/IO78PDB5V0 J3 EMC_DB[4]/GEA0/IO61NDB5V0 EMC_DB[4]/GEA0/IO78NDB5V0 J4 EMC_DB[3]/GEC2/IO60PPB5V0 EMC_DB[3]/GEC2/IO77PPB5V0 J5 VCCFPGAIOB5 VCCFPGAIOB5 J6 GFA0/IO64NDB5V0 GFA0/IO81NDB5V0 J7 VCCFPGAIOB5 VCCFPGAIOB5 J8 GND GND J9 VCC VCC J10 GND GND J11 VCC VCC J12 GND GND J13 VCC VCC J14 GND GND J15 VCC VCC J16 GND GND J17 NC IO37PDB1V0 J18 VCCFPGAIOB1 VCCFPGAIOB1 Pin Number FG484 A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |