データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

603-301-04_1309 データシート(PDF) 4 Page - Marl International Limited

部品番号 603-301-04_1309
部品情報  Robust bright nickel plated brass housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

603-301-04_1309 データシート(HTML) 4 Page - Marl International Limited

  603-301-04_1309 Datasheet HTML 1Page - Marl International Limited 603-301-04_1309 Datasheet HTML 2Page - Marl International Limited 603-301-04_1309 Datasheet HTML 3Page - Marl International Limited 603-301-04_1309 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
design considerations
to order
to order
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many situations involving people moving and handling products. The range of
possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual
situations. When an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood
that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and
assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have
changed this. Marl has an approved system of ESD control from goods in, through production and into final packing and
despatch. Marl recommend all users of LED based products follow the guidelines of BS 100015.
Power De-Rating
The forward voltage/ current value of an LED is dependant upon the ambient temperature of the environment in which it is
operated. Therefore, care must be taken to operate the LED at the correct voltage/ current values, depending upon the
ambient temperature. Consequently, a recommendation regarding operating voltages and currents is given in order to address
these temperature effects. This recommendation is termed ‘de-rating’. It is usual for forward voltages and currents to be
specified for ambient temperature of 25°C. However, because the values of these qualities vary with temperature, please refer
to the de-rating graphs for correct operation. Marl accept no liability for any product that is operated higher than the stated
voltage.
BS EN ISO 9001:2008
approved manufacturer
603 series
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 603 - version 2013-09-24-173438
page 4 of 4


同様の部品番号 - 603-301-04_1309

メーカー部品番号データシート部品情報
logo
Marl International Limi...
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   high performance panel lamps
More results

同様の説明 - 603-301-04_1309

メーカー部品番号データシート部品情報
logo
Marl International Limi...
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   Robust bright nickel plated brass housing
515-501-04_1309 MARL-515-501-04_1309 Datasheet
402Kb / 5P
   Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
   Robust bright nickel plated brass housing
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
   Robust bright nickel plated brass housing
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   Robust bright nickel plated brass housing
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   Robust bright nickel plated brass housing
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com