データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3448 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM3448
部品情報  Phase Dimmable Offline LED Driver with Integrated FET
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3448 データシート(HTML) 1 Page - Texas Instruments

  LM3448 Datasheet HTML 1Page - Texas Instruments LM3448 Datasheet HTML 2Page - Texas Instruments LM3448 Datasheet HTML 3Page - Texas Instruments LM3448 Datasheet HTML 4Page - Texas Instruments LM3448 Datasheet HTML 5Page - Texas Instruments LM3448 Datasheet HTML 6Page - Texas Instruments LM3448 Datasheet HTML 7Page - Texas Instruments LM3448 Datasheet HTML 8Page - Texas Instruments LM3448 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TRIAC
+
+
BLDR
ASNS
ISNS
DIM
COFF
GND
VCC
FLTR1
GND
FLTR2
LM3448
SW
SW
SW
SW
BLDR
VCC
LED
LOAD
AC
INPUT
EMI
FILTER
COFF
LM3448
www.ti.com
SNOSB51B – SEPTEMBER 2011 – REVISED NOVEMBER 2011
LM3448 Phase Dimmable Offline LED Driver with Integrated FET
Check for Samples: LM3448
1
FEATURES
DESCRIPTION
The LM3448 is an adaptive constant off-time AC/DC
23
Input phase angle dim decoder circuit for LED
buck (step-down) constant current LED regulator
dimming
designed to be compatible with TRIAC dimmers. The
Integrated, vertical 600V MOSFET with
LM3448 provides a constant current for illuminating
superior avalanche energy capability
high power LEDs and includes a phase angle dim
decoder. The dim decoder allows wide range LED
Application voltage range 85VAC – 265VAC
dimming using standard forward and reverse phase
Adjustable switching frequency
TRIAC dimmers. The integrated high-voltage and low
Adaptive programmable off-time allows for
Rdson MOSFET reduces design complexity while
constant ripple current
improving LED driver efficiency. The integrated and
patented architecture facilitates implementation of
No 120Hz flicker possible
small form factor LED drivers suitable for integrated
Low quiescent current
LED lamps with very low external component count.
Thermal shutdown
The LM3448 also provides the flexibility required to
Low profile 16-pin Narrow SOIC package
implement both isolated and non-isolated solutions
based on the Flyback, Buck or Buck-Boost topology
Wave solder capable
using either active or passive power factor correction
(Valley-Fill)
circuits.
Additional
features
include
APPLICATIONS
thermal shutdown, current limit and VCC under-
Retrofit TRIAC Dimming
voltage lockout.
Solid State Lighting
Industrial and Commercial Lighting
Residential Lighting
Typical LM3448 LED Driver Application Circuit
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM3448

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
More results

同様の説明 - LM3448

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com