データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3448 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM3448
部品情報  Phase Dimmable Offline LED Driver with Integrated FET
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3448 データシート(HTML) 10 Page - Texas Instruments

Back Button LM3448 Datasheet HTML 6Page - Texas Instruments LM3448 Datasheet HTML 7Page - Texas Instruments LM3448 Datasheet HTML 8Page - Texas Instruments LM3448 Datasheet HTML 9Page - Texas Instruments LM3448 Datasheet HTML 10Page - Texas Instruments LM3448 Datasheet HTML 11Page - Texas Instruments LM3448 Datasheet HTML 12Page - Texas Instruments LM3448 Datasheet HTML 13Page - Texas Instruments LM3448 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
delay
VAC
V+
t
,
(a)
(b)
t
VAC
V
+
t
(a)
(B)
t
LM3448
SNOSB51B – SEPTEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
Figure 17. Voltage Waveforms After Bridge Rectifier Without TRIAC Dimming
Figure 18(b) and Figure 18(a) show typical TRIAC dimmed voltage waveforms before and after the bridge
rectifier.
Figure 18. Voltage Waveforms After Bridge Rectifier With TRIAC Dimming
SENSING THE RECTIFIED TRIAC WAVEFORM
An external series pass regulator (R2, D1, and Q1) translates the rectified line voltage to a level where it can be
sensed by the BLDR pin on the LM3448 as shown in Figure 19.
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LM3448


同様の部品番号 - LM3448

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
More results

同様の説明 - LM3448

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com