データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EGL34F データシート(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 EGL34F
部品情報  Surface Mount Glass Passivated Ultrafast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

EGL34F データシート(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  EGL34F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd EGL34F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
0
2.0
4.0
6.0
8.0
10
12
1
100
10
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 HZ
0
0
25
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Terminal Temperature (
°C)
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous
Forward Characteristics
Fig. 4 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.3
0.5
0.4
0.2
0.1
Resistive or Inductive Load
Reverse Voltage (V)
Fig. 5 – Typical Junction Capacitance
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
t, Pulse Duration (sec.)
0.01
0.1
1
10
100
100
10
1
Fig. 6 – Typical Transient Thermal
Impedance
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
10
1
0.1
0.01
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
TJ = 75
°C
0.1
1
10
0
5
10
15
20
25
30
35
100
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
Pulse Width = 300
µs
1% Duty Cycle
EGL34A – EGL34D
EGL34F & EGL34G
TJ = 25
°C
TJ = 150
°C
BYM-7-50--BYM07-400
EGL34A-EGL34G
Surface Mount Glass Passivated Ultrafast Rectifier


同様の部品番号 - EGL34F

メーカー部品番号データシート部品情報
logo
General Semiconductor
EGL34F GE-EGL34F Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Semikron International
EGL34F SEMIKRON-EGL34F Datasheet
134Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Vishay Siliconix
EGL34F VISHAY-EGL34F Datasheet
49Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
03-Apr-03
EGL34F VISHAY-EGL34F Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-08
logo
SEMTECH ELECTRONICS LTD...
EGL34F SEMTECH_ELEC-EGL34F Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
More results

同様の説明 - EGL34F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com