データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GP24BC01-16 データシート(PDF) 7 Page - E-Tech Electronics LTD

部品番号 GP24BC01-16
部品情報  2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GP24BC01-16 データシート(HTML) 7 Page - E-Tech Electronics LTD

  GP24BC01-16 Datasheet HTML 1Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 2Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 3Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 4Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 5Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 6Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 7Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 8Page - E-Tech Electronics LTD GP24BC01-16 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 7/9
ISSUED DATE :2006/08/17
REVISED DATE :
Figure 9. Byte Write
Figure 10. Page Write
(
* = DON’T CARE bit for 1K)
Write Operations
Byte/Page Write:
If a write operation is entered (R/W=0) and an acknowledgment is sent, then the next sequence requires an
8-bit data word address. After an acknowledgment is received from this word address, the 1st byte of data can
be loaded. The device will send an acknowledgment after each byte to confirm the transmission.
To being the write cycle, a STOP condition must be issued (refer to Figure 9). Both byte and page write
operations are supported, so the STOP condition can be issued after the 1st byte or the last byte in the page.
When the STOP condition occurs, an internal time is started, all input are disabled, and the EEPROM will not
respond to any more commands until the write cycle is completed.
Note: The number of bytes in a page depends on the density used. If 1K density is used, then the page size is
8 bytes. In contrast, if the 16K density is used, then the page size is 16 bites. Refer to the Memory
Organization section for more details.
The internal page counter is incremented after each byte received, but the row location of the memory page
will always remain the same. Therefore, the device will wrap around to the 1st byte in the page after the last
byte in the page is received. Any further data loaded into the page buffer will overwrite the previous data
loaded.
Acknowledge Polling: After the STOP condition is issued, the write cycle begins. Acknowledge polling can be
initiated by sending a START condition followed by the device address word. If the EEPROM has completed
the internal write cycle and returned to standby mode, the device will respond by sending back an
acknowledgment by pulling the SDA pin low. Otherwise, the sequence will be ignored and no acknowledgment
will be sent.
Read Operations
There are three types of read operations: current address read, random address read, and sequence read. A
random address read can be considered a current address read operation with an additional sequence in the
beginning to load a different address into the internal counter. A sequential read occurs when subsequent
bytes are clocked out after a current address read or random address read occurs.
*
*


同様の部品番号 - GP24BC01-16

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results

同様の説明 - GP24BC01-16

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
GSC24BC01-16 ETL-GSC24BC01-16 Datasheet
296Kb / 9P
2 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K / 8 K / 1 6 K
GSC93BC46-66 ETL-GSC93BC46-66 Datasheet
286Kb / 8P
3 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K
logo
Molex Electronics Ltd.
987650-4473 MOLEX-987650-4473 Datasheet
3Mb / 6P
W o r k i n g T o g e t h e r F o r A S af e r W o r k p l a c e
2010
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
NC3FRX ETC2-NC3FRX Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com