データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M309319 データシート(PDF) 1 Page - E-SWITCH

部品番号 M309319
部品情報  LAMP VOLTAGE: NO LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M309319 データシート(HTML) 1 Page - E-SWITCH

  M309319 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966DBLKBLKAS
1.5:1
8/29/2005
M309319
C
PH
1
1
PC MOUNTING
12.50
[.492 in]
14.00
[.551 in]
2.00
[.079 in]
20.80
[.819 in]
14.80
[.583 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE: SILVER ALLOY.
TERMINAL: COPPER ALLOY W/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (RoHS) COMPLIANT
A
15217
RELEASED FOR PRODUCTION
8/29/05
PH
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
1a-1
OPEN
1-1b
1
1a
1b
CIRCUIT: SPDT
ACTUATOR COLOR
BLACK
HOUSING COLOR
BLACK
3
1
7.00
[.276 in]
TYP.
n1.85
[.073 in]
3.68
[.145 in]
5.53
[.218 in]
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.20-19.30
19.30-19.40
19.50-19.60
RECOMMENDED PANEL MOUNTING
X
12.85 +0.5
9.61
[.378 in]
8.00
[.315 in]
6.00
[.236 in]
17.45
[.687 in]
.50
[.020 in]
1.73
[.068 in]
1.60
[.063 in]
B
15582
EDIT TERMINAL SPACE AND THK.
12/5/05
PH
C
19359
UPDATE HOUSING & NOTES
11/02/10
BMA
C
18.60
[.732 in]
C


同様の部品番号 - M309319

メーカー部品番号データシート部品情報
logo
E-SWITCH
M309310 E-SWITCH-M309310 Datasheet
33Kb / 1P
   All Dimensions In MM
M309311 E-SWITCH-M309311 Datasheet
33Kb / 1P
   All Dimensions In MM
M309312 E-SWITCH-M309312 Datasheet
56Kb / 1P
   All Dimensions In MM
M309313 E-SWITCH-M309313 Datasheet
59Kb / 1P
   All Dimensions In MM
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results

同様の説明 - M309319

メーカー部品番号データシート部品情報
logo
E-SWITCH
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com