データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GT2153 データシート(PDF) 1 Page - E-Tech Electronics LTD

部品番号 GT2153
部品情報  C M O S P o s i t i v e V o l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GT2153 データシート(HTML) 1 Page - E-Tech Electronics LTD

  GT2153 Datasheet HTML 1Page - E-Tech Electronics LTD GT2153 Datasheet HTML 2Page - E-Tech Electronics LTD GT2153 Datasheet HTML 3Page - E-Tech Electronics LTD GT2153 Datasheet HTML 4Page - E-Tech Electronics LTD GT2153 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2005/03/16
REVISED DATE :
G
G T
T 22115533
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GT2153 of positive, linear regulators feature low quiescent current (30 A typ.) with low dropout voltage,
making them ideal for battery applications.
This rugged device has both Thermal Shutdown, and Current Fold-back to prevent device failure under the
“Worst” of operating conditions.
The SOT-26 version also features a “Power Good” detector, which pulls low when the output is out of
regulation. The GT2153 is stable with an output capacitance of 2.2 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 300mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Typical Accurate± 2.0%
&Adjustable output voltages
&Power-saving Shutdown Mode
&Power Good Detector
&Low Temperature coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
&Cordless Phones
&Electronic Scales
Package Dimensions
Millimeter
Dimensions
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
10°
L
0.95 REF.
Typical Application Circuit
1.2V
Vout=1.2(R1+r2)/R2
C2 is unnecessary when R1 or R2 < 20k
PG pin is only available in the SOT-26 package option


同様の部品番号 - GT2153

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GT2153 GTM-GT2153 Datasheet
473Kb / 5P
CMOS POSITIVE VOLTAGE REGULATOR
More results

同様の説明 - GT2153

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
GT2123 ETL-GT2123 Datasheet
478Kb / 8P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2133 ETL-GT2133 Datasheet
452Kb / 7P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146 ETL-GL2146 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136 ETL-GL2136 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com