データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L0109MTRP データシート(PDF) 6 Page - Littelfuse

部品番号 L0109MTRP
部品情報  Teccor brand Thyristors Teccor brand Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0109MTRP データシート(HTML) 6 Page - Littelfuse

  L0109MTRP Datasheet HTML 1Page - Littelfuse L0109MTRP Datasheet HTML 2Page - Littelfuse L0109MTRP Datasheet HTML 3Page - Littelfuse L0109MTRP Datasheet HTML 4Page - Littelfuse L0109MTRP Datasheet HTML 5Page - Littelfuse L0109MTRP Datasheet HTML 6Page - Littelfuse L0109MTRP Datasheet HTML 7Page - Littelfuse L0109MTRP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
48
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1 Amp Sensitive Triacs
L01 Series
Dimensions – SOT-223
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.248
0.256
0.264
6.30
6.50
6.70
B
0.130
0.138
0.146
3.30
3.50
3.70
C
0.071
1.80
D
0.001
0.004
0.02
0.10
E
0.114
0.118
0.124
2.90
3.00
3.15
F
0.024
0.027
0.034
0.60
0.70
0.85
G
0.090
2.30
H
0.181
4.60
I
0.264
0.276
0.287
6.70
7.00
7.30
J
0.009
0.010
0.014
0.24
0.26
0.35
K
10° MAX
MT2
MT2
MT1
Gate
MT2
MT2
MT1
Gate
Dimensions in Millimeters (Inches)
Recommended Soldering Footprint
for SOT223
1.5
(0.059”)
1.5
(0.059”)
3.3
(0.130”)
6.4
(0.252”)
4.6
(0.181”)
1.2
(0.047”)
2.3
(0.091”)
(3x)
Pad Layout for SOT-223
MT2
MT2
MT1
Gate
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Package
I II III
IV
L0103DE
400 V
3 mA
5 mA
TO-92
L0103ME
600 V
3 mA
5 mA
TO-92
L0103NE
800 V
3 mA
5 mA
TO-92
L0103DT
400 V
3 mA
5 mA
SOT-223
L0103MT
600 V
3 mA
5 mA
SOT-223
L0103NT
800 V
3 mA
5 mA
SOT-223
L0107DE
400 V
5 mA
7 mA
TO-92
L0107ME
600 V
5 mA
7 mA
TO-92
L0107NE
800 V
5 mA
7 mA
TO-92
L0107DT
400 V
5 mA
7 mA
SOT-223
L0107MT
600 V
5 mA
7 mA
SOT-233
L0107NT
800 V
5 mA
7 mA
SOT-233
L0109DE
400 V
10 mA
10 mA
TO-92
L0109ME
600 V
10 mA
10 mA
TO-92
L0109NE
800 V
10 mA
10 mA
TO-92
L0109DT
400 V
10 mA
10 mA
SOT-223
L0109MT
600 V
10 mA
10 mA
SOT-223
L0109NT
800 V
10 mA
10 mA
SOT-223
MT2
MT2
MT1
Gate


同様の部品番号 - L0109MTRP

メーカー部品番号データシート部品情報
logo
Littelfuse
L0109MT LITTELFUSE-L0109MT Datasheet
271Kb / 8P
New 1 Amp bi-directional solid state switch series offering direct interface
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
More results

同様の説明 - L0109MTRP

メーカー部品番号データシート部品情報
logo
Littelfuse
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com