データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSFS315555-500 データシート(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

部品番号 FSFS315555-500
部品情報  FAST SETTLING SYNTHESIZER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNERGY [SYNERGY MICROWAVE CORPORATION]
ホームページ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSFS315555-500 データシート(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  FSFS315555-500 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSFS315555-500 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAST SETTLING SYNTHESIZER
3150 - 5550 MHz
OPTIMIZED LOOP PARAMETERS
SURFACE MOUNT MODEL: FSFS315555-500
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 2 of 2 ]
SwITCHINg SPEEd


同様の部品番号 - FSFS315555-500

メーカー部品番号データシート部品情報
logo
Nihon Inter Electronics...
FSF03B60 NIEC-FSF03B60 Datasheet
175Kb / 1P
FRED
logo
National Instruments Co...
FSF03B60 NI-FSF03B60_15 Datasheet
175Kb / 1P
FRED
logo
Nihon Inter Electronics...
FSF03D60 NIEC-FSF03D60 Datasheet
178Kb / 1P
FRED
logo
National Instruments Co...
FSF03D60 NI-FSF03D60_15 Datasheet
173Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
FSF03F60 KSS-FSF03F60 Datasheet
784Kb / 5P
Fast Recovery Diode
More results

同様の説明 - FSFS315555-500

メーカー部品番号データシート部品情報
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
M.S. Kennedy Corporatio...
MSK612 MSK-MSK612 Datasheet
188Kb / 4P
FAST SETTLING HIGH VOLTAGE AMPLIFIER
logo
Analog Devices
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
FAST SETTLING
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
WIDE BANDWIDTH FAST SETTLING
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com