| データシートサーチシステム |
|
AT90PWM2 データシート(PDF) 133 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 データシート(HTML) 133 Page - ATMEL Corporation |
|
133 / 365 page ![]() 133 4317K–AVR–03/2013 AT90PWM2/3/2B/3B 16.3.1 PSC2 Distinctive Feature Figure 16-2. PSC2 versus PSC1&PSC0 Block Diagram Note: n = 2 PSC2 has two supplementary outputs PSCOUT22 and PSCOUT23. Thanks to a first selector PSCOUT22 can duplicate PSCOUT20 or PSCOUT21. Thanks to a second selector PSCOUT23 can duplicate PSCOUT20 or PSCOUT21. The Output Matrix is a kind of 2*2 look up table which gives the possibility to program the output values according to a PSC sequence (See “Output Matrix” on page 159.) 16.3.2 Output Polarity The polarity “active high” or “active low” of the PSC outputs is programmable. All the timing dia- grams in the following examples are given in the “active high” polarity. OCRnRB OCRnSB OCRnRA = = = PSC Counter Waveform Generator B PSC Input Module B PSC Input Module A PSCOUTn1 PCTLn PFRCnA PSOCn ( From Analog Comparator n Ouput ) OCRnSA = PCNFn PFRCnB POM2(PSC2 only) PICRn Waveform Generator A PSCOUTn0 PSCINn Part A Part B PSCOUTn2 PSCOUTn3 PISELnB PISELnA PSCn Input B PSCn Input A POS23 POS22 Output Matrix |