| データシートサーチシステム |
|
AT90PWM2 データシート(PDF) 250 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 データシート(HTML) 250 Page - ATMEL Corporation |
|
250 / 365 page ![]() 250 4317K–AVR–03/2013 AT90PWM2/3/2B/3B In accordance with the Table 21-6, these 3 bits select the interrupt event which will generate the trigger of the start of conversion. The start of conversion will be generated by the rising edge of the selected interrupt flag whether the interrupt is enabled or not. In case of trig on PSCnASY event, there is no flag. So in this case a conversion will start each time the trig event appears and the previous conversion is completed Table 21-6. ADC Auto Trigger Source Selection for non amplified conversions ADTS3 ADTS2 ADTS1 ADTS0 Description 00 00Free Running Mode 0 0 0 1 Analog Comparator 0 0 0 1 0 External Interrupt Request 0 0 0 1 1 Timer/Counter0 Compare Match 0 1 0 0 Timer/Counter0 Overflow 0 1 0 1 Timer/Counter1 Compare Match B 0 1 1 0 Timer/Counter1 Overflow 0 1 1 1 Timer/Counter1 Capture Event 1 0 0 0 PSC0ASY Event (1) 1. For trigger on any PSC event, if the PSC uses the PLL clock, the core must use PLL/4 clock source. 1 0 0 1 PSC1ASY Event(1) 1 0 1 0 PSC2ASY Event(1) 1 0 1 1 Analog comparator 1 1 1 0 0 Analog comparator 2 11 01Reserved 11 10Reserved 11 11Reserved Table 21-7. ADC Auto Trigger Source Selection for amplified conversions ADTS3 ADTS2 ADTS1 ADTS0 Description 00 00Free Running Mode 00 01Reserved 00 10Reserved 00 11Reserved 01 00Reserved 01 01Reserved 01 10Reserved 01 11Reserved 1 0 0 0 PSC0ASY Event (1) 1 0 0 1 PSC1ASY Event(1) |