データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1108NLT データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 T1108NLT
部品情報  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1108NLT データシート(HTML) 1 Page - Pulse A Technitrol Company

  T1108NLT Datasheet HTML 1Page - Pulse A Technitrol Company T1108NLT Datasheet HTML 2Page - Pulse A Technitrol Company T1108NLT Datasheet HTML 3Page - Pulse A Technitrol Company T1108NLT Datasheet HTML 4Page - Pulse A Technitrol Company T1108NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T622.K (04/12)
1
pulseelectronics.com
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
RoHS peak reflow temperature rating 245�C
Models matched to leading quad and dual T1/
E1/CEPT/ISDN-PRI transceivers
Crosstalk: -65 dB or better
UL1950 recognized (some parts pending approval)
RoHS compliant versions available upon request
TOU
Mechanical
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25�C
RoHS Compliant
Part Number
Package/
Schematic
Std Temp.
Ex Temp
TX
RX
TX
RX
TX
RX
TX
RX
Transmit
Receive
T1064NL
-
1:1.14
1:1.14CT
1.2
1.2
.6
.6
35
35
TOU/1
1-2, 6-7, 11-12, 16-17
38-36, 33-31, 28-26, 23-21
T1065NL
T1105NL
1:2CT
1:2CT
1.2
1.2
.8
.8
35
35
TOU/3
4-5, 9-10, 14-15, 19-20
24-25, 29-30, 34-35, 39-40
T1068NL
T1108NL
1:2CT
1:1CT
1.2
1.2
.6
.6
35
35
TOU/2
1-2, 6-7, 11-12, 16-17
21-22, 26-27, 31-32, 36-37
T1071NL
-
1:1/1.26
1:2CT
1.2
1.2
.6
.6
35
35
TOU/2
1-2, 6-7, 11-12, 16-17
21-22, 26-27, 31-32, 36-37
T1073NL
-
1:2
1:2
1.2
1.2
.6
.6
35
35
TOU/4
1-3, 6-8, 11-13, 16-18
4-5, 9-10, 14-15, 19-20
T1124NL
T1114NL
1:2CT
1CT:2
1.2
1.2
.6
.6
35
35
TOU/3
4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18
T1142NL
T1231NL
1:2.4
1:1
1.0
1.0
.5
.5
35
35
TOU/5
1-2, 8-9, 11-12, 18-19
24-25, 27-28, 34-35, 37-38
T1145NL
-
1:2/2.4 1:0.79/1
1.0
1.0
1.0
1.0
35
35
TOU/6
1-2, 9-10, 11-12, 19-20
37-36, 35-34, 27-26
-
TX1262NL
1:2
1:2
1.2
1.2
.7
.7
35
35
TOU/5
1-2, 6-7, 11-12, 16-17
3-4, 8-9, 13-14, 18-19
-
TX1264NL
1:2CT
1CT:1
1.2
1.2
.6
.6
35
35
TOU/3
4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18
-
TX1266NL
1:2
1:1
1.2
1.2
.6
.6
35
35
TOU/4
1-3, 6-8, 11-13, 16-18
4-5, 9-10, 14-15, 19-20
-
TX1295NL 1:1.26CT 1:1.26CT
1.2
1.2
.6
.6
35
35
TOU/3
4-5, 9-10, 14-15, 19-20
24-25, 29-30, 34-35, 39-40
Weight ......................3.8 grams
Tape & Reel ..................175/reel
Tray ..............................105/tray
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
Turns Ratio
(Pri:Sec
±2%)
OCL @ 25�C
(mH MIN)
L
(
μH MAX)
ww
(pF MAX)
Primary Pins
Notes: Chart Notes and TOU Schematics are on page 2.
L
C


同様の部品番号 - T1108NLT

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
T1108NL PULSE-T1108NL Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NL PULSE-T1108NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NL PULSE-T1108NL Datasheet
154Kb / 8P
TRANSFORMERS
T1108NL PULSE-T1108NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

同様の説明 - T1108NLT

メーカー部品番号データシート部品情報
logo
TALEMA Group. LLC
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
2001/03/15
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT Transformers
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com