データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T350002 データシート(PDF) 1 Page - E-SWITCH

部品番号 T350002
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T350002 データシート(HTML) 1 Page - E-SWITCH

  T350002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL6100AF300QP
5/31/2013
T350002
A
rc
1
1
PC MOUNTING
4
2
1
3
3
4
1
2
A
21179
New Release
7/23/13
rc
4.70
[.185 in]
2.50
[.098 in]
3.65
[.144 in]
4.20 .50
.165 .020 in
[]
5.08
[.200 in]
.50
[.020 in]
7.62 .50
.300 .020 in
[]
3.00
[.118 in]
5.00
[.197 in]
7.40
[.291 in]
7.40
[.291 in]
9.00 .50
.354 .020 in
[]
2.10 .50
.083 .020 in
[]
NOTES
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
0.4
X.XX=
0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 300
50gf
5. OPERATING LIFE: 500,000 CYCLES
6. TRAVEL: 0.5
0.15mm
7. CONTACT RATING: 12VDC @ 50mA
8. CONTACT RESISTANCE: 100m W MAX
9. INSULATION RESISTANCE: 100M W MIN @ 100VDC.
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -40
C TO 85C
12. PACKAGING: TUBE 60 PCS. PER
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
2
4
3
CIRCUIT: SPST
1
7.62 .05
.300 .002 in
[]
5.08 .05
.200 .002 in
[]
.95
.05
.037 .002 in
[]
.30
[.012 in]


同様の部品番号 - T350002

メーカー部品番号データシート部品情報
logo
E-SWITCH
T350000 E-SWITCH-T350000 Datasheet
123Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T350001 E-SWITCH-T350001 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T350005 E-SWITCH-T350005 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T350006 E-SWITCH-T350006 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - T350002

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com