データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HU603AL データシート(PDF) 5 Page - Hi-Sincerity Mocroelectronics

部品番号 HU603AL
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HSMC [Hi-Sincerity Mocroelectronics]
ホームページ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HU603AL データシート(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  HU603AL Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HU603AL Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HU603AL Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HU603AL Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HU603AL Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.07.01
Revised Date : 1999.08.01
Page No. : 5/5
HSMC Product Specification
TO-263 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.3800
0.4050
9.65
10.29
I
0.0500
0.0700
1.27
1.78
B
0.3300
0.3700
8.38
9.40
J
-
*0.1000
-
*2.54
C
-
0.0550
-
1.40
K
0.0450
0.0550
1.14
1.40
D
0.5750
0.6250
14.61
15.88
L
0.0200
0.0390
0.51
0.99
E
0.1600
0.1900
4.06
4.83
α1
--
6
°
8
°
F
0.0450
0.0550
1.14
1.40
α2
--
6
°
8
°
G
0.0900
0.1100
2.29
2.79
α3
--
0
°
5
°
H
0.0180
0.0290
0.46
0.74
Notes : 1.Dimension and tolerance based on our Spec. dated Jan. 09,1998.
2.Controlling dimension : millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
• Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454
• Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5983621~5 Fax : 886-3-5982931
• Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5977061 Fax : 886-3-5979220
A
B
C
D
12
3
K
L
J
G
H
F
E
2
α1
α2
α3
I
Style : Pin 1.Gate 2.Drain 3.Source
3-Lead TO-263 Plastic Surface Mounted Package
HSMC Package Code : U
Marking :
HSMC Logo
Part Number
Date Code
Product Series
Rank


同様の部品番号 - HU603AL

メーカー部品番号データシート部品情報
logo
Schneider Electric
HU661AWK SCHNEIDER-HU661AWK Datasheet
128Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 6 poles, 30 hp, 600 VAC/DC, NEMA 12
HU661AWKEI SCHNEIDER-HU661AWKEI Datasheet
127Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 6 poles, 30 hp, 600 VAC/DC, NEMA 12, interlock kit
HU661AWKVW SCHNEIDER-HU661AWKVW Datasheet
64Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 6 poles, 30 hp, 600 VAC/DC, NEMA 12, viewing window
HU661DS SCHNEIDER-HU661DS Datasheet
125Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 6 poles, 30 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
HU662AWK SCHNEIDER-HU662AWK Datasheet
119Kb / 2P
   Safety switch, heavy duty, non fusible, 60A, 6 poles, 60 hp, 600 VAC/DC, NEMA 12
More results

同様の説明 - HU603AL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com