| データシートサーチシステム |
|
ICS1892 データシート(PDF) 142 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 データシート(HTML) 142 Page - Integrated Circuit Systems |
|
142 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 142 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.19 10Base-T: Jabber Timing Table 10-26 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of signals on the following pins: TXEN, COL, and TP_TX (that is, the TP_TXP and TP_TXN pins). Figure 10-19 shows the timing diagram for the time periods. Note: For more information on 10Base-T jabber operations, see Section 7.5.9, “10Base-T Operation: Jabber”. Figure 10-19. 10Base-T Jabber Timing Diagram Table 10-26. 10Base-T Jabber Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Jabber Activation Time 10Base-T Half Duplex 21 21 31 ms t2 Jabber De-Activation Time 10Base-T Half Duplex 315 324 325 ms TXEN TP_TX COL t1 t2 |