データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHOCQVD データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 RHOCQVD
部品情報  Molded Case Circuit Breakers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

RHOCQVD データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  RHOCQVD Datasheet HTML 1Page - List of Unclassifed Manufacturers RHOCQVD Datasheet HTML 2Page - List of Unclassifed Manufacturers RHOCQVD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
7-96
Product Category MCCB
Molded Case Circuit Breakers
External Accessories
Selection
n
Built to order. Allow 2–3 weeks for delivery.
s
Built to order. Allow 6–8 weeks for delivery.
a
Kit consists of 4 screws and washers.
b
Consists of 1 screw and washers (order 100).
c
Consists of 1 screw and washers (order 50).
d
With mechanical interlock in place, no accessory can be
installed into circuit breaker right pole.
e
Addition of the mechanical interlock will prevent
accessory installation in the left pole.
f
Sold only in standard package quantities. Multiply List
Price Each times package quantity for full price.
g
Mechanical interlock is not designed for use within
Siemens panelboards.
Mounting Screw Kits
CQD, CQD6
CQDSMKa
1
114
NGG
MSKG4a
1
1
4
All QJ
MSQJa
1
1
All ED (CED6 requires 2 kits)
MSE6a
1
1
4
MSE6100b
100f
1
All FD (CFD6 requires 2 kits)
MSF6a
1
1
4
MSF650c
50f
1
All EG 1-pole
MSKE1
All EG 2-pole
MSKE2
All EG 3 or 4-pole
MSKE4
All JD, LD
MSJ6a
1
14
All LMD
MSLMD
1
1
4
All MD, ND,
MSMN
1
14
All PD, RD
MSPR6
1
2
Mounting Screw Kit
MSE6
Mechanical Interlock
MI5444
Face Mounting Plates
For Use With
Number
Catalog
Standard
Wt Lb/
Breaker Frame(s)
of Poles
Number
Package
Std Pkg
1
CQDFMB1
1
1
4
CQD, CQD6
2
CQDFMB2n
1
1
4
3
CQDFMB3n
1
1
4
1
FMPG1
1
1
4
NGG
2
FMPG2
1
1
4
3
FMPG3
1
1
4
Back Mounting Plates
ED2, ED4, ED6, hED4, hED6
1
E2BMB
1
1
4
“MI” Mechanical Interlocks
For Use With
Panelg
Plug-in
Standard
Wt Lb
Breaker Type(s)
Mounted
Mounted
Package
Std Pkg
All EG (Sliding Bar)
HSBE
1
All QJ
CSO
0
1
All FD
MI5444
MI5444
1
All JD, LD
MI5413d
1
1
All LMD
MI5406dn
1
1
All MD
MI5404en
1
3
All ND
MI5404en
1
3
All PD, RD
MI5405es
Complete with
two breakers


同様の部品番号 - RHOCQVD

メーカー部品番号データシート部品情報
logo
Linear Technology
RHO7 LINER-RHO7_15 Datasheet
114Kb / 4P
Operational Amplifier
More results

同様の説明 - RHOCQVD

メーカー部品番号データシート部品情報
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
logo
Schneider Electric
PGF36040U31A SCHNEIDER-PGF36040U31A Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com