| データシートサーチシステム |
|
PIIX3 データシート(PDF) 122 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PIIX3 データシート(HTML) 122 Page - Intel Corporation |
|
122 / 122 page ![]() 82371FB (PIIX) AND 82371SB (PIIX3) E 122 Figure 13 is a schematic of the NAND tree circuitry. MDRQ1 MDRQ0 RSTDRV DREQ1 KBCCS# XOE# DACK1# NAND CHAIN SELECT DACK1# XDIR NAND CHAIN SELECT XDIR 051917_3.drw 051917 Figure 13. NAND Tree Circuitry NAND Tree Timing Requirements Allow 500 ns for the input signals to propagate to the NAND tree outputs (input-to-output propagation delay specification). 5.3. Tri-state Mode The TESTIN# signal must be 0 and IRQ’s 7, 6, and 5 must be 1 to enter the tri-state test mode. When in the tri-state test mode, all outputs and bi-directional pins are tri-stated, including the NAND tree outputs. |