| データシートサーチシステム |
|
UPC317 データシート(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC317 データシート(HTML) 8 Page - NEC |
|
8 / 6 page ![]() Data Sheet G12826EJ3V0DS00 8 µµµµPC317 RECOMMENDED SOLDERING CONDITIONS When soldering these products, it is highly recommended to observe the conditions as shown below. If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult with our sales offices. For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL" (C10535E). Type of Through-hole Devices µPC317HF: 3-pin plastic SIP (MP-45G)(isolated TO-220) Process Conditions Wave soldering (only to leads) Solder temperature: 260 °C or below, Flow time: 10 seconds or less. Partial heating method Pin temperature: 300 °C or below, Heat time: 3 seconds or less (per each lead). Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that the package body does not get jet soldered. REFERENCE DOCUMENTS QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES C11531E SEMICONDUCTOR DEVICE MOUNTING THCHNOLOGY MANUAL C10535E SEMICONDUCTORS SELECTION GUIDE – Products and Packages – (CD-ROM) X13769X SEMICONDUCTORS SELECTION GUIDE X10679E NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL SYSTEM IEI-1212 -THREE TERMINAL REGULATOR |