データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N254024 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 N254024
部品情報  24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254024 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N254024 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254024 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough
Patch Panel, RJ45 Ethernet
MODEL NUMBER: N254-024
Description
Tripp Lite's 24-Port Cat6 Feed-Through patch panel provides patching without punching down bulk wire to the
back of the panel. Fully meets or exceeds Cat6 specifications - works with USOC, T568A, and T568B wiring. 19"
width mounts easily in 2-Post Relay Rack, or a Wall-Mount Hinged Rack. Detachable cable management bar
keeps patch cables neat and tidy on the back of the panel.
Features
Heavy duty 14ga steel construction
Meets or exceeds Cat6 specifications
Easy patching with Cat6 patch cables
Includes cable management bar
Rackmountable - 19"W x 1.75"H (1U)
Specifications
OVERVIEW
Cable Type
Cat6/6a
PHYSICAL
Color
Black
CONNECTIONS
Connector A
RJ45 (FEMALE) (X24)
Highlights
Cat6 RJ45 Jacks on both sides
of the panel
Installs easily in 19" racks or
wall-mounts
Cable management bar keeps
patch cables tidy
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Applications
MDF's or IDF's where quick
patching changes need to be
made.
Package Includes
24-Port Cat6 Feed-Through 1U
Patch Panel
Detachable Cable Management
Bracket
Package of 24 4" Wire Ties
1 / 2


同様の部品番号 - N254024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
More results

同様の説明 - N254024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com