データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N254024SH データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 N254024SH
部品情報  24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254024SH データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N254024SH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254024SH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONNECTIONS
Connector A
RJ45 (FEMALE) (X24)
Connector B
RJ45 (FEMALE) (X24)
Number of Connectors
24
Ports
24
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


同様の部品番号 - N254024SH

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
More results

同様の説明 - N254024SH

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
   48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com