データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0044 データシート(PDF) 105 Page - STMicroelectronics

部品番号 PM0044
部品情報  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 データシート(HTML) 105 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 101Page - STMicroelectronics PM0044 Datasheet HTML 102Page - STMicroelectronics PM0044 Datasheet HTML 103Page - STMicroelectronics PM0044 Datasheet HTML 104Page - STMicroelectronics PM0044 Datasheet HTML 105Page - STMicroelectronics PM0044 Datasheet HTML 106Page - STMicroelectronics PM0044 Datasheet HTML 107Page - STMicroelectronics PM0044 Datasheet HTML 108Page - STMicroelectronics PM0044 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
105/162
Syntax
HALT
Operation
I1 = 1, I0 = 0, The oscillator is stopped till an interrupt occurs.
Description
The interrupt mask is reset, allowing interrupts to be fetched. Then the
oscillator is stopped thus stopping the CPU and all internal peripherals,
reducing the microcontroller to its lowest possible power consumption. The
microcontroller resumes program execution after an external interrupt or
reset, by restarting the oscillator, and then, fetching the corresponding
external interrupt, which is an I/O interrupt, a specific peripheral interrupt,
or the reset vector.
Instruction overview
I1: 1
Set.
I0: 0
Cleared.
Detailed description
See also: WFI
HALT
HALT Oscillator
(CPU + Peripherals)
HALT
mnem
Affected condition flags
VI1
H
I0
N
Z
C
HALT
-1-0-
-
-
Addressing
mode
Asm
cy
lgth
Op-code(s)
ST7
Inherent
HALT
10
1
8E
✗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More