| データシートサーチシステム |
|
PM0044 データシート(PDF) 143 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 データシート(HTML) 143 Page - STMicroelectronics |
|
143 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 143/162 Syntax sim Operation I1 = 1, I0 = 1 Description Set the Interrupt mask of the Condition Code (CC) register, which disables interrupts. This instruction is useless at the beginning of reset routine. It need not be used at the beginning of interrupt routines as the interrupt level is set automatically in CC.I[1:0]. Instruction overview I1 and I0: 1 Set. Detailed description See also: RIM SIM Set Interrupt Mask/Disable Interrupt SIM mnem Affected condition flags VI1 H I0 N Z C SIM - 1 - 1 - - - Addressing mode Asm cy lgth Op-code(s) ST7 Inherent SIM 1 1 9B ✗ |