| データシートサーチシステム |
|
PM0044 データシート(PDF) 152 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 データシート(HTML) 152 Page - STMicroelectronics |
|
152 / 162 page ![]() STM8 instruction set PM0044 152/162 Doc ID 13590 Rev 3 Syntax SUBW dst,src e.g. SUBW X, #$5500 Operation dst <= dst - src Description The source 16-bit word is subtracted from the contents of the destination index register and the result is stored in the same index register. The source is a memory or 16-bit data. Instruction overview V ⇒ (X15.M15 + X15.R15 + X15.M15.R15) ⊕ (X14.M14 + X14.R14 + X14.M14.R14) Set if the signed operation generates an overflow, cleared otherwise. H ⇒ X7.M7 + X7.R7 + X7.M7.R7 Set if a carry occurred from bit 7, cleared otherwise. N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ X15.M15 + X15.R15 + X15.M15.R15 Set if a borrow request occurred from bit 15, cleared otherwise. Detailed description See also: SUB, ADDW, ADC, SBC, MUL SUBW Word Subtraction SUBW mnem dst src Affected condition flags VI1 H I0 N Z C SUBW X Mem V - H - N Z C SUBW Y Mem V - H - N Z C dst src Asm cy lgth Op-code(s) ST7 X #word SUBW X,#$5500 2 3 1D MS LS X longmem SUBW X,$1000 2 4 72 B0 MS LS X (shortoff, SP) SUBW X,($10,SP) 2 3 72 F0 XX Y #word SUBW Y,#$5500 2 4 72 A2 MS LS Y longmem SUBW Y,$1000 2 4 72 B2 MS LS Y (shortoff, SP) SUBW Y,($10,SP) 2 3 72 F2 XX |