| データシートサーチシステム |
|
PM0044 データシート(PDF) 160 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 データシート(HTML) 160 Page - STMicroelectronics |
|
160 / 162 page ![]() STM8 instruction set PM0044 160/162 Doc ID 13590 Rev 3 Syntax XOR A,src e.g. XOR A,#%00110101 Operation A <= A XOR src Description The source byte, is logically XORed with the contents of the accumulator and the result is stored in the accumulator. The source is a memory or data byte. Truth table Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description See also: AND, OR, CPL, NEG XOR Logical Exclusive OR XOR XOR 0 1 00 1 11 0 mnem dst src Affected condition flags VI1 H I0 N Z C XOR A Mem --- - N Z - dst src Asm cy lgth Op-code(s) ST7 A #byte XOR A,#$55 1 2 A8 XX ✗ A shortmem XOR A,$10 1 2 B8 XX ✗ A longmem XOR A,$1000 1 3 C8 MS LS ✗ A (X) XOR A,(X) 1 1 F8 ✗ A (shortoff,X) XOR A,($10,X) 1 2 E8 XX ✗ A (longoff,X) XOR A,($1000,X) 1 3 D8 MS LS ✗ A (Y) XOR A,(Y) 1 2 90 F8 ✗ A (shortoff,Y) XOR A,($10,Y) 1 3 90 E8 XX ✗ A (longoff,Y) XOR A,($1000,Y) 1 4 90 D8 MS LS ✗ A (shortoff,SP) XOR A,($10,SP) 1 2 18 XX A [shortptr.w] XOR A,[$10.w] 4 3 92 C8 XX ✗ A [longptr.w] XOR A,[$1000.w] 4 4 72 C8 MS LS A ([shortptr.w],X) XOR A,([$10.w],X) 43 92 D8 XX ✗ A ([longptr.w],X) XOR A,([$1000.w],X) 44 72 D8 MS LS A ([shortptr.w],Y) XOR A,([$1000],Y) 43 91 D8 XX ✗ |