データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMR1U-01 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CMR1U-01
部品情報  ULTRA FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1U-01 データシート(HTML) 1 Page - Central Semiconductor Corp

  CMR1U-01_15 Datasheet HTML 1Page - Central Semiconductor Corp CMR1U-01_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR1U-01
CMR1U-06
CMR1U-02
CMR1U-08
CMR1U-04
CMR1U-10
SURFACE MOUNT SILICON
ULTRA FAST RECOVERY RECTIFIERS
1 AMP, 100 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR1U-01 series
1 Amp silicon Ultra Fast Recovery rectifier is a high
quality, well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer and automotive applications.
To order devices on 12mm Tape and Reel (3000/ 13”
Reel), add TR13 suffix to part number.
FEATURES:
• Special selections available
• High reliability
• Superior lot to lot consistency
• Glass passivated chip
• “C” bend construction provides strain relief when
mounted on pc board
MAXIMUM RATINGS: (TA=25ºC unless otherwise noted)
CMR1U
SYMBOL
-01
-02
-04
-06
-08
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
DC Blocking Voltage
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Forward Current (TA=75ºC)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +175
ºC
Thermal Resistance
ΘJL
20
ºC/W
ELECTRICAL CHARACTERISTICS: (TA=25ºC) unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=125ºC
100
μA
VF
IF=1.0A, (CMR1U-01, CMR1U-02)
1.0
V
VF
IF=1.0A, (CMR1U-04)
1.25
V
VF
IF=1.0A, (CMR1U-06)
1.40
V
VF
IF=1.0A, (CMR1U-08, CMR1U-10)
1.70
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (CMR1U-01, -02, -04)
50
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (CMR1U-06, -08, -10)
100
ns
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMB CASE
R5 (21-January 2013)
www.centr a lsemi.com


同様の部品番号 - CMR1U-01_15

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CMR1U-01 CENTRAL-CMR1U-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
More results

同様の説明 - CMR1U-01_15

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com