データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VT7-503-SQ-HP データシート(PDF) 2 Page - QUARTZCOM the communications company

部品番号 VT7-503-SQ-HP
部品情報  High precision analogue temperature compensated small packaged SMD VC-TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  QUARTZCOM [QUARTZCOM the communications company]
ホームページ  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT7-503-SQ-HP データシート(HTML) 2 Page - QUARTZCOM the communications company

  VT7-503-SQ-HP Datasheet HTML 1Page - QUARTZCOM the communications company VT7-503-SQ-HP Datasheet HTML 2Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TX7-503-SQ-HP
High precision analogue temperature compensated
small packaged SMD TCXO
Specifications subject to change without notice
0011/65/EU RoHS compliant
20 Feb. 15
QuartzCom AG
Fax
+41 32 644 24 05
Bischmattstrasse 11
Tel
+41 32 644 24 00
CH 2544 Bettlach
E-Mail
sales@quartzcom.com
Switzerland
www.quartzcom.com
Features
Applications: instrumentation, mobile radio, sat. navigation
High frequency stability vs. temperature:
± 0.20 ~ ± 0.5 ppm
Output signal Clipped sine wave or CMOS
Low phase noise, high reliability
Standard frequencies
10, 12, 12.8, 13, 14.4, 16, 16.384, 20, 24, 25, 26, 32,
38.88, 40 & 50 MHz
Frequency range
10 ~ 52 MHz
Frequency stability vs. temperature
reference to (FMAX+FMIN)/2
±0.50 ppm
-40 ~ +85 °C
standard
±0.20 ~ 0.28 ppm
-40 ~ +85 °C
on request
±1.0 ppm
-55 ~ +95 °C
on request
vs. supply voltage changes
reference to frequency at nominal supply
≤ ±0.05 ppm
±5 %
vs. load changes
reference to frequency at nominal load
≤ ±0.05 ppm
±10 %
vs. aging
≤ ±1.0 ppm
1
st year
≤ ±0.5 ppm
1
st year (on request)
Frequency tolerance ex. factory (preset)
≤ ±1.0 ppm
@ +25 °C
Supply voltage (nominal value needs to be defined)
+2.7 V to +5.0 V
(2.7 V, 3.0 V, 3.3 V & 5.0 V)
Type
TX7-503M-SQ-HP
TX7-503CM-SQ-HP
Output signal
clipped sine wave
CMOS
Output level
> 0.8 Vp-p
VOH > 0.9 x Vdc / VOL < 0.1 x Vdc
Output load
10 k
Ω // 10 pF
15 pF
Max.
Supply current
1.5 ~ 3 mA
3 ~ 8 mA
Tri-state function
pin #6 > 0.7 x Vdc or open
pin #5
oscillation
pin #6 < 0.3 x Vdc or GND
pin #5
high impedance
Phase noise @ 10 MHz
< -125 dBc/Hz
@
100 Hz
< -145 dBc/Hz
@
1 kHz
< -155 dBc/Hz
@
10 kHz
< -155 dBc/Hz
@
100 kHz
Operating temperature range
-20 ~ +70 °C
indoor
-40 ~ +85 °C
outdoor
-55 ~ +95 °C
(extended temperature range on request)
Storage temperature range
-55 ~ +105 °C
Reflow Profiles as per IPC/JEDEC J-STD-020C
≤ 260 °C over 10 sec. Max.
Moisture sensitivity
Level 1 (unlimited)
Pin function
# 1
GND or not connected
# 2
do not connect
# 3
do not connect
# 4
GND
# 5
OUTPUT
# 6
Tri-state or do not connect
# 7
do not connect
optional 33 nF to the GND
# 8
Vdc
Phase noise reduction
(optional on request)
# 7
Phase noise filter (PhNF)
With external capacitor
Cap = 33 nF
Foot print
Test circuit
(CMOS)


同様の部品番号 - VT7-503-SQ-HP

メーカー部品番号データシート部品情報
logo
QUARTZCOM the communica...
VT7-503 QUARTZCOM-VT7-503 Datasheet
104Kb / 1P
SMD VC-TCXO Clipped sine wave Highly shock and vibration resistant
VT7-503C QUARTZCOM-VT7-503C Datasheet
102Kb / 1P
SMD VC-TCXO CMOS Highly shock and vibration resistant
More results

同様の説明 - VT7-503-SQ-HP

メーカー部品番号データシート部品情報
logo
QUARTZCOM the communica...
TX7-503-SQ-HP QUARTZCOM-TX7-503-SQ-HP Datasheet
111Kb / 1P
High precision analogue temperature compensated small packaged SMD TCXO
VT7-705-SQ-HP QUARTZCOM-VT7-705-SQ-HP Datasheet
106Kb / 1P
High precision analogue temperature compensated SMD VC-TCXO
VT7-705-TQ-HP QUARTZCOM-VT7-705-TQ-HP Datasheet
103Kb / 1P
High precision analogue temperature compensated SMD VC-TCXO
TX7-705-SQ-HP QUARTZCOM-TX7-705-SQ-HP Datasheet
112Kb / 1P
High precision analogue temperature compensated SMD TCXO
TX7-705-TQ QUARTZCOM-TX7-705-TQ Datasheet
100Kb / 1P
High precision analogue compensated SMD TCXO
TX7-705-TQ-ST3 QUARTZCOM-TX7-705-TQ-ST3 Datasheet
104Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX7-503-SQ-ST3 QUARTZCOM-TX7-503-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX7-705-SQ-ST3 QUARTZCOM-TX7-705-SQ-ST3 Datasheet
107Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
High precision analogue compensated STRATUM III through hole TCXO
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com