データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HQ データシート(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

部品番号 HQ
部品情報  Surface mount device with high reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HQ データシート(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  HQ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
 
Rev. 7a
 
Multilayer Ceramic Capacitors
HQ Series
(High Q)
 
Typical Impedance vs. Frequency
 
Fig. 6 Impedance vs. Frequency 0402
Fig. 7 Impedance vs. Frequency 0603
 
SRF vs. Capacitance
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Fig. 8 SRF vs. Capacitance
 
Reliability Test Conditions and Requirements
 
No.
Item
Test Conditions
Requirements
1.
Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2.
Capacitance
Cap≤1000pF, 1.0±0.2Vrms, 1MHz±10%
Cap>1000pF, 1.0±0.2Vrms, 1KHz±10%
At 25°C ambient temperature.
* Shall not exceed the limits given in the detailed spec.
3.
Q/ D.F.
(Dissipation
Factor)
* NP0: Cap≥30pF, Q≥1000; Cap<30pF, Q≥400+20C
 
 


同様の説明 - HQ

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
   High Reliability Surface Mount Resistor
logo
Hamamatsu Corporation
S9717 HAMAMATSU-S9717_11 Datasheet
417Kb / 3P
   High reliability, surface-mount ceramic package
logo
Schurter Inc.
FPG7 SCHURTER-FPG7_15 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
logo
Visual Communications C...
6300T1 VCC-6300T1 Datasheet
537Kb / 8P
   Surface mount device
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_16 Datasheet
102Kb / 5P
   Surface Mount Device
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
   Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
   Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
   Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
   Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com