データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HQ データシート(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

部品番号 HQ
部品情報  Surface mount device with high reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HQ データシート(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  HQ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION HQ Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
 
 
 
Rev. 7a
 
Multilayer Ceramic Capacitors
HQ Series
(High Q)
 
 
 
 
Packaging Dimension and Quality
 
Size
Thickness (mm)
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0402
0.50±0.05
N
10K
20K
0603
0.80±0.07
S
4K
15K
0.80 +0.15/-0.10
X
0805
0.60±0.10
A
4k
15k
0.80±0.10
B
4k
15k
1.25±0.10
D
3K
10K
 
 
Tape & Reel Dimensions
 
 
 
 
 
 
 
 
Fig. 9 The dimension of paper tape
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Fig. 10 The dimension of reel
No.
Item
Test Conditions
Requirements
15. High
Temperature
Load
(Endurance)
* Test temp.:
NP0, X7R: 125±3°C
* To apply voltage: 200% of rated voltage.
* Test time: 1000+24/-0 hrs.
* Measurement to be made after keeping at room temp for
24±2 hrs.
* No remarkable damage.
* Cap change: within ±3.0% or ±0.3pF whichever is larger.
* Q/D.F. value:
NP0: Cap≥30pF, Q≥350
10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q≥200+10C
* I.R.: ≥1GΩ.
Size
0402
0603
0805
Thickness
N
S,X
A
A0
0.62±0.05
1.02±0.05
1.50±0.10
B0
1.12±0.05
1.82±0.05
2.30±0.10
T
0.60±0.05
0.95±0.05
0.75±0.05
K0
-
-
-
W
8.00±0.10
8.00±0.10
8.00±0.10
P0
4.00±0.10
4.00±0.10
4.00±0.10
10xP0
40.0±0.10
40.0±0.10
40.0±0.10
P1
2.00±0.05
4.00±0.10
4.00±0.10
P2
2.00±0.05
2.00±0.05
2.00±0.05
D0
1.55±0.05
1.55±0.05
1.55±0.05
D1
-
-
-
E
1.75±0.05
1.75±0.05
1.75±0.05
F
3.50±0.05
3.50±0.05
3.50±0.05
Size
0402, 0603,0805
Reel size
7”
13”
C
13.0+0.5/-0.2
13.0+0.5/-0.2
W1
8.4+1.5/-0
8.4+1.5/-0
A
178.0±0.10
330.0±1.0
N
60.0+1.0/-0
100±1.0


同様の説明 - HQ

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
High Reliability Surface Mount Resistor
logo
Hamamatsu Corporation
S9717 HAMAMATSU-S9717_11 Datasheet
417Kb / 3P
High reliability, surface-mount ceramic package
logo
Advanced Power Electron...
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
Surface Mount Device
logo
Schurter Inc.
FPG7 SCHURTER-FPG7_15 Datasheet
247Kb / 2P
Surface Mount Device with stabilizing Posts
logo
Advanced Power Electron...
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
Surface Mount Device
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_16 Datasheet
102Kb / 5P
Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
Surface Mount Device
logo
Visual Communications C...
6300T1 VCC-6300T1 Datasheet
537Kb / 8P
Surface mount device
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com