データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2975 データシート(PDF) 1 Page - Mitsubishi Electric Semiconductor

部品番号 2SK2975
部品情報  RF POWER MOS FET(VHF/UHF power amplifiers)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

2SK2975 データシート(HTML) 1 Page - Mitsubishi Electric Semiconductor

  2SK2975 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 2SK2975 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 2SK2975 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2975
MITSUBISHI RF POWER MOS FET
Nov. ´97
DESCRIPTION
2SK2975 is a MOS FET type transistor specifically designed for
VHF/UHF power amplifiers applications.
FEATURES
• High power gain:Gpe
≥8.4dB
@VDD=9.6V,f=450MHz,Pin=30dBm
• High efficiency:55% typ.
• Source case type seramic package
(connected internally to source)
APPLICATION
For drive stage and output stage of power amplifiers in VHF/UHF
band portable radio sets.
Typ
Max
Min
Limits
Parameter
Test conditions
Symbol
Parameter
Ratings
175
VDSS
VGSS
Pch
Tj
Tstg
Unit
Drain to source voltage
Gate to source voltage
Channel dissipation
Junction temperature
Storage temperature
30
±20
10
-40 to +110
V
V
W
˚C
ABSOLUTE MAXIMUM RATINGS (TC=25˚C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC=25˚C, unless otherwise noted)
Symbol
Unit
IDSS
IGSS
VTH
Ciss
Coss
hD
Pout
Threshold voltage
Note: Above parameters,ratings,limits and conditions are subject to change.
VDS=17V, VGS=0V
55
10
1
1.7
µA
µA
V
%
1.0
Note1: Above parameters are guaranteed independently.
VGS=10V, VDS=0V
VDS=7V, IDS=1mA
VGS=10V, VDS=0V,f=1MHz
VDS=10V, VGS=0V,f=1MHz
VDS=9.6V, Pin=1W,f=450MHz
7
50
8
80
45
pF
pF
W
Conditions
Tc=25˚C
(Note2)
˚C
2: Solder source pad on Copper Block(14
×2.8×2mm)
OUTLINE DRAWING
Dimensions in mm
1 : DRAIN
2 : SOURCE
3 : GATE
MARKING
2
3
3.50
1
t=1.2MAX
(BOTTOM)
(TOP)
4.9
INDEX MARK
2.0
LOT No.
TYPE No.
INDEX
MARK


同様の部品番号 - 2SK2975

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2972 TOSHIBA-2SK2972 Datasheet
164Kb / 2P
HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
RF POWER MOS FET
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Sanyo Semicon Device
2SK2976 SANYO-2SK2976 Datasheet
108Kb / 4P
DC-DC Converter Applications
2SK2977 SANYO-2SK2977 Datasheet
42Kb / 4P
DC/DC Converter Applications
More results

同様の説明 - 2SK2975

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Sanyo Semicon Device
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
logo
Motorola, Inc
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
The RF Line VHF Power Amplifiers
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
MHW2821-1 NXP-MHW2821-1 Datasheet
204Kb / 6P
UHF Silicon FET Power Amplifiers
Rev 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com