![]() |
データシートサーチシステム |
|
G254 データシート(PDF) 1 Page - ORION FANS |
|
|
G254 データシート(HTML) 1 Page - ORION FANS |
|
1 / 1 page ![]() G G225544 SSeerriieess Fan Guards for 254mm Fan RoHS Compliant 10557 Metric Drive Dallas, Texas 75243 214-340-0265 OrionFans.com Information and data is subject to change without prior notification. PART NO. G254-10 1. MATERIAL: C1008 BRIGHT BASIC WIRE 2. FINISH: BRIGHT NICKEL CHROME 3. RING DIA: 2.3mm 4. RIB DIA: 2.3mm 5. WELD JOINTS TO WITHSTAND 88LBS PULL FORCE 6. SPACING BETWEEN RINGS TO BE 5.16mm 7. GENERAL TOLERANCE UNLESS NOTED +/-0.5mm 8. PART MEETS 6.35mm PLUG GAUGE TEST PART NO. G254-10/PK 10-PACK G254-10 GUARDS, BOXED PART NO. G254-10P 1. MATERIAL: C1008 BRIGHT BASIC WIRE 2. FINISH: BRIGHT NICKEL CHROME 3. RING DIA: 2.3mm 4. RIB DIA: 2.3mm 5. WELD JOINTS TO WITHSTAND 88LBS PULL FORCE 6. GENERAL TOLERANCE UNLESS NOTED +/-0.5mm 7. PART MEETS 6.35mm PLUG GAUGE TEST PART NO. G254-10P/PK 10-PACK G254-10P GUARDS, BOXED 091211 |
同様の部品番号 - G254 |
|
同様の説明 - G254 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |