データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4278 データシート(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 2SC4278
部品情報  Silicon NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC4278 データシート(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC4278_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC4278
Silicon NPN Transistors
B
C
E
Features
With TO-247 package
Complement to type 2SA1633
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
150
V
VCEO
Collector to emitter voltage
150
V
VCER
Emitter to base voltage
VEB
Emitter to base voltage
5
V
IB
Base Current
IC
Collector current-Continuous
10
A
PD
Total Power Dissipation@TC=25
Derate above 25
100
W
W/
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
TO-247
Electrical Characteristics Tc=25
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=30mA; IB=0
150
V
VCBO
Collector-Base Voltage
IC=1mA; IE=0
150
V
ICEO
Collector Cutoff Current
VCE=150V; IB=0
500
uA
ICBO
Collector Cutoff Current
VCB=150V; IE=0
100
uA
IEBO
Emitter Cutoff Current
VEBO
Emitter Cutoff Current
IE=5mA; IC=0
5
V
VCE(sat-1)
Collector-emitter saturation voltages
IC=5A; IB=0.5A
2.0
V
VCE(sat-2)
Collector-emitter saturation voltages
VCE(sat-3)
Collector-emitter saturation voltages
VCE(sat-4)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=1A; VCE=5V
60
320
hFE-2
Forward current transfer ratio
VBE(sat)
Base-emitter Saturation voltages
fT
Current Gain-Bandwidth Product


同様の部品番号 - 2SC4278_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
2SC4278_2015 JMNIC-2SC4278_2015 Datasheet
127Kb / 1P
   Silicon NPN Transistors
More results

同様の説明 - 2SC4278_15

メーカー部品番号データシート部品情報
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com