| データシートサーチシステム |
|
PIC16C925-S/CL データシート(PDF) 105 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/CL データシート(HTML) 105 Page - Microchip Technology |
|
105 / 182 page ![]() 2001 Microchip Technology Inc. Preliminary DS39544A-page 103 PIC16C925/926 TABLE 12-4: STATUS BITS AND THEIR SIGNIFICANCE TABLE 12-5: RESET CONDITION FOR SPECIAL REGISTERS POR BOR TO PD Condition 0x 1 1 Power-on Reset 0x 0 x Illegal, TO is set on POR 0x x 0 Illegal, PD is set on POR 10 1 1 Brown-out Reset 11 0 1 WDT Reset 11 0 0 WDT Wake-up 11 u u MCLR Reset during normal operation 11 1 0 MCLR Reset during SLEEP or interrupt wake-up from SLEEP Condition Program Counter STATUS Register PCON Register Power-on Reset 000h 0001 1xxx ---- --0x MCLR Reset during normal operation 000h 000u uuuu ---- --uu MCLR Reset during SLEEP 000h 0001 0uuu ---- --uu WDT Reset 000h 0000 1uuu ---- --uu WDT Wake-up PC + 1 uuu0 0uuu ---- --uu Brown-out Reset 000h 0001 1uuu ---- --u0 Interrupt wake-up from SLEEP PC + 1(1) uuu1 0uuu ---- --uu Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’. Note 1: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h). |