| データシートサーチシステム |
|
PIC16C925-S/CL データシート(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/CL データシート(HTML) 112 Page - Microchip Technology |
|
112 / 182 page ![]() PIC16C925/926 DS39544A-page 110 Preliminary 2001 Microchip Technology Inc. 12.7 Watchdog Timer (WDT) The Watchdog Timer is a free running on-chip RC oscil- lator, which does not require any external components. This RC oscillator is separate from the RC oscillator of the OSC1/CLKIN pin. That means that the WDT will run, even if the clock on the OSC1/CLKIN and OSC2/CLKOUT pins of the device has been stopped, for example, by execution of a SLEEP instruction. Dur- ing normal operation, a WDT time-out generates a device RESET (Watchdog Timer Reset). If the device is in SLEEP mode, a WDT time-out causes the device to wake-up and continue with normal operation (Watch- dog Timer Wake-up). The WDT can be permanently disabled by clearing configuration bit WDTE (Section 12.1). 12.7.1 WDT PERIOD The WDT has a nominal time-out period of 18 ms (with no prescaler). The time-out periods vary with tempera- ture, VDD and process variations from part to part (see DC specs). If longer time-out periods are desired, a prescaler with a division ratio of up to 1:128 can be assigned to the WDT under software control, by writing to the OPTION register. Thus, time-out periods up to 2.3 seconds can be realized. The CLRWDT and SLEEP instructions clear the WDT and the postscaler, if assigned to the WDT, prevent it from timing out and generating a device RESET condition. The TO bit in the STATUS register will be cleared upon a Watchdog Timer time-out. 12.7.2 WDT PROGRAMMING CONSIDERATIONS It should also be taken into account that under worst case conditions (VDD = Min., Temperature = Max., and Max. WDT prescaler) it may take several seconds before a WDT time-out occurs. FIGURE 12-12: WATCHDOG TIMER BLOCK DIAGRAM FIGURE 12-13: SUMMARY OF WATCHDOG TIMER REGISTERS Note: When a CLRWDT instruction is executed and the prescaler is assigned to the WDT, the prescaler count will be cleared, but the prescaler assignment is not changed. From TMR0 Clock Source (Figure 5-6) To TMR0 (Figure 5-6) Postscaler WDT Timer WDT Enable bit 0 1 M U X PSA 8 - to - 1 MUX PS2:PS0 0 1 MUX PSA WDT Time-out Note: PSA and PS2:PS0 are bits in the OPTION register. 8 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 2007h Config. bits (1) BOREN(1) CP1 CP0 PWRTE(1) WDTE FOSC1 FOSC0 81h, 181h OPTION RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 Legend: Shaded cells are not used by the Watchdog Timer. Note 1: See Register 12-1 for operation of these bits. |