| データシートサーチシステム |
|
PIC16C925-S/CL データシート(PDF) 118 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/CL データシート(HTML) 118 Page - Microchip Technology |
|
118 / 182 page ![]() PIC16C925/926 DS39544A-page 116 Preliminary 2001 Microchip Technology Inc. ANDLW AND Literal with W Syntax: [ label ] ANDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .AND. (k) → (W) Status Affected: Z Encoding: 11 1001 kkkk kkkk Description: The contents of W register are AND’ed with the eight-bit literal 'k'. The result is placed in the W register. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read literal ‘k’ Process data Write to W Example ANDLW 0x5F Before Instruction: W= 0xA3 After Instruction: W = 0x03 ANDWF AND W with f Syntax: [ label ] ANDWF f [,d] Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W).AND. (f) → (destination) Status Affected: Z Encoding: 00 0101 dfff ffff Description: AND the W register with register ’f’. If ’d’ is 0, the result is stored in the W register. If ’d’ is 1, the result is stored back in register ’f’. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register 'f' Process data Write to destination Example ANDWF FSR, 1 Before Instruction: W = 0x17 FSR = 0xC2 After Instruction W = 0x17 FSR = 0x02 |