| データシートサーチシステム |
|
PIC16F870/SP データシート(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/SP データシート(HTML) 110 Page - Microchip Technology |
|
110 / 156 page ![]() PIC16F870/871 DS30569A-page 110 Preliminary © 1999 Microchip Technology Inc. IORLW Inclusive OR Literal with W Syntax: [ label ] IORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .OR. k → (W) Status Affected: Z Description: The contents of the W register are OR’ed with the eight bit literal 'k'. The result is placed in the W reg- ister. IORWF Inclusive OR W with f Syntax: [ label ] IORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .OR. (f) → (destination) Status Affected: Z Description: Inclusive OR the W register with register 'f'. If 'd' is 0 the result is placed in the W register. If 'd' is 1 the result is placed back in regis- ter 'f'. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) → (destination) Status Affected: Z Description: The contents of register f are moved to a destination dependant upon the status of d. If d = 0, des- tination is W register. If d = 1, the destination is file register f itself. d = 1 is useful to test a file register since status flag Z is affected. MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W) Status Affected: None Description: The eight bit literal 'k' is loaded into W register. The don’t cares will assemble as 0’s. MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 ≤ f ≤ 127 Operation: (W) → (f) Status Affected: None Description: Move data from W register to reg- ister 'f'. NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. |