データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC17C752-08/CL データシート(PDF) 197 Page - Microchip Technology

部品番号 PIC17C752-08/CL
部品情報  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL データシート(HTML) 197 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 193Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 194Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 195Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 196Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 197Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 198Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 199Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 200Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 197
PIC17C7XX
18.2
Q Cycle Activity
Each instruction cycle (TCY) is comprised of four Q
cycles (Q1-Q4). The Q cycle is the same as the device
oscillator cycle (TOSC). The Q cycles provide the tim-
ing/designation for the Decode, Read, Process Data,
Write etc., of each instruction cycle. The following dia-
gram shows the relationship of the Q cycles to the
instruction cycle.
The four Q cycles that make up an instruction cycle
(TCY) can be generalized as:
Q1: Instruction Decode Cycle or forced No
operation
Q2: Instruction Read Cycle or No operation
Q3: Process the Data
Q4: Instruction Write Cycle or No operation
Each instruction will show the detailed Q cycle opera-
tion for the instruction.
FIGURE 18-2: Q CYCLE ACTIVITY
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
TCY1TCY2TCY3
Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More