データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

050_103 データシート(PDF) 1 Page - Glenair, Inc.

部品番号 050_103
部品情報  10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_103 データシート(HTML) 1 Page - Glenair, Inc.

  050_103 Datasheet HTML 1Page - Glenair, Inc. 050_103 Datasheet HTML 2Page - Glenair, Inc. 050_103 Datasheet HTML 3Page - Glenair, Inc. 050_103 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
44
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-103
10/100/1000BASE-T to 1000BASE-SX/LX
Media Converter with Mighty Mouse Connectors
Media converter with Series 80 Mighty Mouse connector interface
How To Order
Product
Series
Ethernet Media
Converter
Signal
Protocol
(Table I)
050 - 103 - Lx10 NF
Plating
Code
(Table II)
10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
Glenair 050-103 Ethernet media Converters use state-of-the-art opto-electro-
mechanical technology to provide effective harsh environment Ethernet interconnect
solutions that enable much longer distances than copper cables using fiber optics. The
Ethernet media Converter uses rugged mighty mouse 805 Series electrical connector
and incorporates electrical to optical (E/O) and optical to electrical (O/E) conversion,
Voltage regulation, Signal Conditioning with SErDES (Serialization Deserialization)
in the circular back shells to enable compact electrical to fiber optic Ethernet media
conversions for harsh environments. Glenair Ethernet media converters are ideal for
military, petrochemical, mining, industrial or utility applications where significant
levels of shock, vibration and extreme temperature ranges are experienced.
Using 850 nm VCSEL technology, the SX version of the media Converter converts
10/100/1000BASE-T electrical to 1000BASE-SX fiber optic and can support
interconnection distances up to 550m over multi-mode fiber.
Using 1310nm Laser technology, the LX version of the media Converter converts
10/100/1000BASE-T electrical to 1000BASE-LX fiber optic and can support
interconnection distances up to 10km over single-mode fiber.
„
„
IEEE 802.3-2005 Gigabit Ethernet standard compliant
„
„
-40°C to +85°C operating temperature range
„
„
Ideal for military and other harsh environment applications.
„
„
Meets MIL-STD-810 mechanical shock and vibration
„
„
Meets MIL-STD-1344 immersion resistance
„
„
Up to 550 Meters for VCSEL 850nm version with Multimode fiber
„
„
Up to 10 Kilometers for 1310nm laser version with Singlemode fiber
„
„
Power supply operation from 5V to 30V
„
„
IP67 in unmated condition
„
„
Military tactical communication systems
„
„
Harsh environment telemetry or communications
„
„
Satcom systems
„
„
Industrial, mining, petrochemical facilities communications infrastructure
Key Features
aPPlications


同様の部品番号 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
More results

同様の説明 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050_104 GLENAIR-050_104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
050_110 GLENAIR-050_110 Datasheet
758Kb / 13P
   Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com