データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

050_103 データシート(PDF) 2 Page - Glenair, Inc.

部品番号 050_103
部品情報  10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_103 データシート(HTML) 2 Page - Glenair, Inc.

  050_103 Datasheet HTML 1Page - Glenair, Inc. 050_103 Datasheet HTML 2Page - Glenair, Inc. 050_103 Datasheet HTML 3Page - Glenair, Inc. 050_103 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
45
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-103
10/100/1000BASE-T to 1000BASE-SX/LX
Media Converter with Mighty Mouse Connectors
Øa
B
J1
mighty mouse
Receptacle, Optical
“RJ45 equivalent”
“2 Fiber Contacts”
4 twisted Pair, signal
(8 Contacts)
DC Power & GnD
(2 Contacts)
ethernet
Phy &
serdes
O/e
tx
Rx
Regulator
DC Power & GnD
(2 Contacts)
Block Diagram
J2
mighty mouse
Plug, electrical
Material and Finish
Enclosures: See Table II
Connectors: matching plating with enclosure
Assembly Notes
Interface connectors are designed to mate with any Glenair Series 805 mighty mouse plug or
receptacle having the same insert arrangement and polarization; opposite contact gender.
All connector cavities without defined contacts to be populated with appropriate sealing
plug. mS27488 Type sealing plugs are recommended.
mm
805
mm
805
Table I: Signal Protocol
code
name
Medium
SX
1000BASE-SX
multimode Fiber
LX10
1000BASE-LX
Singlemode Fiber
Table IV: Dimensions
Dash no.
a Max
B Max
-01
1.500
(38.10)
4.500
(114.30)
Table II: Material And Finish
syM
Material
Finish Description
M*
Aluminum
Electroless nickel
Mt
nickel - PTFE
nF
Cadmium, Olive Drab
Zn
Zinc-nickel, Olive Drab
Znu
Zinc-nickel, Black


同様の部品番号 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
More results

同様の説明 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050_104 GLENAIR-050_104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
050_110 GLENAIR-050_110 Datasheet
758Kb / 13P
   Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com