データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

050_103 データシート(PDF) 3 Page - Glenair, Inc.

部品番号 050_103
部品情報  10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_103 データシート(HTML) 3 Page - Glenair, Inc.

  050_103 Datasheet HTML 1Page - Glenair, Inc. 050_103 Datasheet HTML 2Page - Glenair, Inc. 050_103 Datasheet HTML 3Page - Glenair, Inc. 050_103 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
46
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-103
10/100/1000BASE-T to 1000BASE-SX/LX
Media Converter with Mighty Mouse Connectors
J2
mighty mouse
Connector
series 805
size 11
Table III: 050-103-SX/LX10 Connector Pin Out Definitions
J1 - Power connector
805-#######-####
(Glenair Mighty Mouse)
Mating Connector for J1
805-#######-####
(Glenair Mighty Mouse)
Contact P/n (SX): 181-057-126
Contact P/n (LX): 181-057-125
Contact P/n (SX): 181-075-126
Contact P/n (LX): 181-075-125
Pin
name
Description
Pin
name
1
nC
no Connect
1
nC
2
nC
no Connect
2
nC
3
rx
#16 FO Contact, rx
3
Tx
4
Tx
#16 FO Contact, Tx
4
rx
5
nC
no Connect
5
nC
6
nC
no Connect
6
nC
J2 - Data connector
805-#######-####
(Glenair Mighty Mouse)
Mating Connector for J2
805-#######-####
(Glenair Mighty Mouse)
Contact P/n: n/A
Contact P/n: n/A
Pin
name
Description
Equivalent rJ45 Pin #
(for reference only)
Pin
name
1
mDD-
Data D (-)
8
1
mDD-
2
Vin
Vin
n/A
2
Vin
3
mDD+
Data D (+)
7
3
mDD+
4
nC
no Connect
nC
4
nC
5
mDC-
Data C (-)
5
5
mDC-
6
mDC+
Data C (+)
4
6
mDC+
7
nC
no Connect
n/A
7
nC
8
nC
no Connect
n/A
8
nC
9
GnD
GnD
n/A
9
GnD
10
GnD
GnD
n/A
10
GnD
11
GnD
GnD
n/A
11
GnD
12
nC
no Connect
n/A
12
nC
13
nC
no Connect
n/A
13
nC
14
mDB-
Data B (-)
6
14
mDB-
15
mDB+
Data B (+)
3
15
mDB+
16
nC
no Connect
n/A
16
nC
17
mDA-
Data A (-)
2
17
mDA-
18
Vaux
Vaux
n/A
18
Vaux
19
mDA+
Data A (+)
1
19
mDA+
J1
mighty mouse
Connector
series 805
size 11
Connector Configurations
7
10
9
8
5
6
4
3
1
2
1
2
3
4
6
7
8
11
9
12
15
18
16
20
19
23
21
25
24
26


同様の部品番号 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
More results

同様の説明 - 050_103

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
050_104 GLENAIR-050_104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Active Cable
050_110 GLENAIR-050_110 Datasheet
758Kb / 13P
   Media Converter, Single Channel 1000BASE-T to 1000BASE-LX10
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com