データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UT108N03 データシート(PDF) 1 Page - Unisonic Technologies

部品番号 UT108N03
部品情報  N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT108N03 データシート(HTML) 1 Page - Unisonic Technologies

  UT108N03_15 Datasheet HTML 1Page - Unisonic Technologies UT108N03_15 Datasheet HTML 2Page - Unisonic Technologies UT108N03_15 Datasheet HTML 3Page - Unisonic Technologies UT108N03_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT108N03
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-197.I
30V, 108A N-CHANNEL
POWER MOSFET
DESCRIPTION
As advanced N-channel level power MOSFET, the UT108N03 is
produced using UTC’s advanced trench technology, which has been
specially tailored to minimize the on-resistance and maintain low
gate charge for superior switching performance.
FEATURES
* RDS(ON) < 5.3mΩ @VGS = 10 V, ID = 25 A
* Low Capacitance
* Optimized Gate Charge
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
TO-252
1
TO-252D
1
TO-220
1
TO-251
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT108N03L-TA3-T
UT108N03G-TA3-T
TO-220
G
D
S
Tube
UT108N03L-TM3-T
UT108N03G-TM3-T
TO-251
G
D
S
Tube
UT108N03L-TN3-R
UT108N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT108N03L-TND-R
UT108N03G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TM3: TO-251, TN3: TO-252
TND: TO-252D
(3) L: Lead Free, G: Halogen Free and Lead Free
UT108N03L-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


同様の部品番号 - UT108N03_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UT108N03G-TA3-T UTC-UT108N03G-TA3-T Datasheet
185Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
UT108N03G-TM3-T UTC-UT108N03G-TM3-T Datasheet
185Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
UT108N03G-TN3-R UTC-UT108N03G-TN3-R Datasheet
185Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
UT108N03G-TN3-T UTC-UT108N03G-TN3-T Datasheet
185Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
UT108N03L-TA3-T UTC-UT108N03L-TA3-T Datasheet
185Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
More results

同様の説明 - UT108N03_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
K1109 UTC-K1109_11 Datasheet
173Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109 Datasheet
70Kb / 2P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N65-C UTC-10N65-C Datasheet
216Kb / 6P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_10 Datasheet
141Kb / 3P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UTT40N08 UTC-UTT40N08 Datasheet
156Kb / 3P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
1N50K-TA UTC-1N50K-TA Datasheet
238Kb / 7P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N50K-MT UTC-10N50K-MT Datasheet
192Kb / 5P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_15 Datasheet
191Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UF830-F UTC-UF830-F Datasheet
264Kb / 6P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com