| データシートサーチシステム |
|
PIC16LC71-04/SS データシート(PDF) 159 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71-04/SS データシート(HTML) 159 Page - Microchip Technology |
|
159 / 176 page ![]() © 1997 Microchip Technology Inc. DS30272A-page 159 PIC16C71X 17.5 Package Marking Information Legend: MM...M XX...X AA BB C D1 E Microchip part number information Customer specific information* Year code (last 2 digits of calender year) Week code (week of January 1 is week '01’) Facility code of the plant at which wafer is manufactured. C = Chandler, Arizona, U.S.A. Mask revision number for microcontroller Assembly code of the plant or country of origin in which part was assembled. In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. Note: Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask revision number, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. * MMMMMMMMMMMMM XXXXXXXXXXXXXXXX AABBCDE 18-Lead PDIP 18-Lead SOIC XXXXXXXXXXXX AABBCDE XXXXXXXXXXXX MMMMMMMMMM MMMMMM XXXXXXXX AABBCDE 18-Lead CERDIP Windowed PIC16C711-04/P 9452CBA Example Example -20/50 9447CBA PIC16C715 PIC16C71 /JW 945/CBT Example S = Tempe, Arizona, U.S.A. AABBCAE XXXXXXXX XXXXXXXX 20-Lead SSOP 9517SBP 20I/SS025 PIC16C710 Example |